|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DS2181A CEPT Primary Rate Transceiver www.dalsemi.com FEATURES Single chip primary rate transceiver meets CCITT standards G.704, G.706 and G.732 Supports new CRC4-based framing standards and CAS and CCS signaling standards Simple serial interface used for device configuration and control in processor mode Hardware mode requires no host processor; intended for stand-alone applications Comprehensive, on-chip alarm generation, alarm detection, and error logging logic Shares footprint with DS2180A T1 Transceiver Comparison to DS2175 T1/CEPT Elastic Store, DS2186 Transmit Line Interface, DS2187 Receive Line Interface, and DS2188 Jitter Attenuator 5V supply; low-power CMOS technology PIN ASSIGNMENT TMSYNC TFSYNC TCLK TCHCLK TSER TMO TXD TSTS TSD TIND TAF TPOS TNEG INT SDI SDO CS SCLK SPS VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD RLOS RFER RBV RCL RNEG RPOS RST TEST RCSYNC RSTS RSD RMSYNC RFSYNC RSER RCHCLK RCLK RAF RDMA RRA 40-Pin DIP (600-mil) RFSA TCHCLK TCLK RMSA TFSYNC TMSYNC VDD RLOS RFER RBV RCL TSER TMO TXD TSTS TSD TIND TAF TPOS TNEG INT SDI 5 4 3 2 1 44 43 42 41 1 of 32 SDO CS SCLK SPS VSS RRA RDMA RCTO RAF RCLK RCSA 19 20 21 22 23 24 25 26 27 7 8 9 10 11 12 13 14 15 16 17 44-PIN PLCC 39 38 37 36 35 34 33 32 31 30 29 RNEG RPOS RST TEST RCSYNC RSTS RSD RMSYNC RFSYNC RSER RCHCLK 112099 DS2181A DESCRIPTION The DS2181A is designed for use in CEPT networks and supports all logical requirements of CCITT Red Book Recommendations G.704, G.706 and G.732. The transmit side generates framing patterns and CRC4 codes, formats outgoing channel and signaling data, and produces network alarm codes when enabled. The receive side decodes the incoming data and establishes frame, CAS multiframe, and CRC4 multiframe alignments. Once synchronized, the device extracts channel, signaling, and alarm data. A serial port allows access to 14 on-chip control and status registers in the processor mode. In this mode, a host processor controls features such as error logging, per-channel code manipulation, and alteration of the receive synchronizer algorithm. The hardware mode is intended for preliminary system prototyping and/or retrofitting into existing systems. This mode requires no host processor and disables special features available in the processor mode. DS2180A BLOCK DIAGRAM Figure 1 2 of 32 DS2181A TRANSMIT PIN DESCRIPTION (40-PIN DIP ONLY) Table 1 PIN 1 SYMBOL TMSYNC TYPE I DESCRIPTION Transmit Multiframe Sync. Low-high transition establishes start of CAS and/or CRC4 multiframe. Can be tied low, allowing internal multiframe counter to run free. Transmit Frame Sync. Low-high transition every frame period establishes frame boundaries. Can be tied low, allowing TMSYNC to establish frame boundaries. Transmit Clock. 2.048 MHz primary clock. Transmit Channel Clock. 256 kHz clock which identifies timeslot boundaries. Useful for parallel-to-serial conversion of channel data. Transmit Serial Data. NRZ data input, sampled on falling edges of TCLK. Transmit Multiframe Out. Output of multiframe counter; high during frame 0, low otherwise. Transmit Extra Data. Sampled on falling edge of TCLK during bit times 5, 7, and 8 of timeslot 16 in frame 0 when CAS signaling is enabled. Transmit Signaling Timeslot. High during timeslot 16 of every frame, low otherwise. Transmit Signaling Data. CAS signaling data input; sampled on falling edges of TCLK for insertion into outgoing timeslot 16 when enabled. Transmit International and National Data. Sampled on falling edge of TCLK during bit 1 time of timeslot 0 every frame (international) and/or during bit times 4 through 8 of timeslot 0 during non-align frames (national) when enabled. Transmit Alignment Frame. High during frames containing the frame alignment signal, low otherwise. Transmit Bipolar Data Outputs. Updated on rising edge of TCLK. 2 TFSYNC I 3 4 5 6 7 TCLK TCHCLK TSER TMO TXD I O I O I 8 9 TSTS TSD O I 10 TIND I 11 12 13 TAF TPOS TNEG O O SYCHRONIZER STATUS PIN (44-PIN PLCC ONLY) Table 2A PIN 3 SYMBOL RMSA TYPE O DESCRIPTION Receive Multiframe Search Active. This pin will transition high when the synchronizer searching for the CAS multiframe alignment word is active. Receive Frame Search Active. This pin will transition high when the synchronizer searching for the FAS is active. Receive CRC4 Time Out. This pin will transition high when the RCTO counter reaches its maximum count of 32. The pin will return low when either the DS2181AQ reaches CRC4 multiframe synchronization, or if CRC4 is disabled via CRC.2, or if the device is issued a hardware reset via the RST pin. Receive CRC4 Search Active. This pin will transition high when the synchronizer searching for the CRC4 multiframe alignment word is active. 3 of 32 6 25 RFSA RCTO O O 28 RCSA O DS2181A NOTES: 1. These output status pins are only available on the DS2181AQ. 2. If the TEST pin is tied low and CCR.1=0, then these pins will be tri-stated. RECEIVE PIN DESCRIPTION (40-PIN DIP ONLY) Table 2B PIN 21 22 23 24 25 26 27 28 29 30 31 SYMBOL RRA RMDA RAF RCLK RCHCLK RSER RFSYNC RMSYNC RSD RSTS RCSYNC TYPE O O O I O O O O O O O DESCRIPTION Receive Remote Alarm. Transitions high when alarm detected; returns low when alarm cleared. Receive Distant Multiframe Alarm. Transitions high when alarm detected; returns low when alarm cleared. Receive Alignment Frame. High during frames containing the frame alignment signal, low otherwise. Receive Clock. 2.048 MHz primary clock. Receive Channel Clock. 256 kHz clock, identifies timeslot boundaries; useful for serial-to-parallel conversion of channel data. Receive Channel Clock. 256 kHz clock, identifies timeslot boundaries; useful for serial-to-parallel conversion of channel data. Receive Frame Sync. Trailing edge indicates start of frame. Receive Multiframe Sync. Low-high transition indicates start of CAS multiframe; held high during frame 0. Receive Signaling Data. Extracted timeslot 16 data; updated on rising edge of RCLK. Receive Signaling Timeslot. High during timeslot 16 of every frame, low otherwise. Receive CRC4 Sync. Low-high transition indicates start of CRC4 multiframe; held high during CRC4 frames 0 through 7 and held low during frames 8 through 15. Reset. Must be asserted during device power-up and when changing to/from the hardware mode. Receive Bipolar Data. Sampled on falling edges of RCLK. Tie together to receive NRZ data and disable BPV monitor circuitry. Receive Carrier Loss. Low-high transition indicates loss of carrier. Receive Bipolar Violation. Pulses high during detected bipolar violations. Receive Frame Error. Pulses high when frame alignment, CAS multiframe alignment or CRC4 words received in error. Receive Loss of Sync. Indicates synchronizer status; high when frame, CAS and/or CRC4 multiframe search underway, low otherwise. 33 34 35 36 37 38 39 RST I I O O O O RPOS RNEG RCL RBV RFER RLOS 4 of 32 DS2181A PORT PIN DESCRIPTION (40-PIN DIP ONLY) Table 3 PIN 14 15 16 SYMBOL INT TYPE O I O SDI SDO 17 18 19 CS I I I DESCRIPTION Receive Alarm Interrupt. Flags host controller during alarm conditions. Active low; open drain output. Serial Data In. Data for on-chip control registers; sampled on rising edge of SCLK. Serial Data Out. Control and status data from on-chip registers. Updated on falling edge of SCLK; tri-stated during port write or when CS is high. Chip Select. Must be low to write or read the serial port. Serial Data Clock. Used to write or read the serial port registers. Serial Port Select. Tie to VDD to select the serial port. Tie to VSS to select the hardware mode. SCLK SPS POWER AND TEST PIN DESCRIPTION (40-PIN DIP ONLY) Table 4 PIN 20 32 SYMBOL VSS TEST TYPE I DESCRIPTION Signal Ground. 0.0 volts. Test Mode. Tie to VSS to select the old DS2181 sync algorithm and to tri-state the synchronizer status pins on the DS2181AQ. Tie to VDD to select the new DS2181A sync algorithm and activate the synchronizer status pins on the DS2181AQ. Positive Supply. 5.0 volts. 40 VDD - 5 of 32 DS2181A REGISTER SUMMARY Table 5 REGISTE R RIMR RSR BVCR CECR FECR RCR CCR TCR TIR1 TIR2 TIR3 TIR4 TINR ADDRE SS 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 T/R1 R R2 R R R R T/R T T DESCRIPTION/FUNCTION Receive Interrupt Mask Register. Allows masking of alarm generated interrupts. Receive Status Register. Reports all receive alarm conditions. Bipolar Violation Count Register. 8-bit presettable counter which records individual bipolar violations. CRC4 Error Count Register. 8-bit presettable counter which records individual errors. Frame Error Count Register. 8-bit presettable counter which logs individual errors in the received frame alignment signal. Receive Control Register. Establishes receive side operating characteristics. Common Control Register. Establishes additional operating characteristics for transmit and receive sides. Transmit Control Register. Establishes transmit side operation characteristics. Transmit Idle Registers. Designates which outgoing timeslots are to be substituted with idle code. T TXR 1101 T Transmit International and National Register. When enabled via the TCR, contents inserted into the outgoing national and/or international bit positions. Transmit Extra Register. When enabled via the TCR, contents inserted into the out going extra bit positions. NOTES: 1. Transmit or receive side register. 2. RSR is a read only register; all other registers are read/write. 3. Reserved bit locations must be programmed to 0. SERIAL PORT INTERFACE Pins 14 through 18 of the DS2181A serve as a microprocessor/ microcontroller-compatible serial port. Fourteen on-chip registers allow the user to update operational characteristics and monitor device status via a host controller, minimizing hardware interfaces. Port read/write timing is unrelated to the chip transmit and receive timing, allowing asynchronous reads and/ or writes by the host. The timing set is identical to that of 8051-type microcontrollers operating in serial port mode 0. For proper operation of the port and the transmit and receive registers, the user should provide TCLK and RCLK as well as SCLK. 6 of 32 DS2181A ADDRESS/COMMAND An address/command byte write must precede any read or write of the port registers. The first bit written (LSB) of the address/command byte specifies read or write. The following nibble identifies register address. The next 2 bits are reserved and must be set to 0 for proper operation. The last bit of the address/command word enables the burst mode when set; the burst mode allows consecutive reading or writing of all register data. Data is written to and read from the port LSB first. CHIP SELECT AND CLOCK CONTROL All data transfers are initiated by driving the CS input low. Data is sampled on the rising edge of SCLK. Data is output on the falling edge of SCLK and held to the next falling edge. All data transfers are terminated and SDO tri-stated when CS returns to high. CLOCKS To access the serial port registers both TCLK and RCLK are required along with the SCLK. The TCLK and RCLK are used to internally access the transmit and receive registers, respectively. The CCR is considered a receive register for this purpose. DATA I/O Following the eight SCLK cycles that input the address/ command byte, data at SDI is strobed into the addressed register on the next eight SCLK cycles (register write) or data is presented at SDO on the next eight SCLK cycles (register read). SDO is tri-stated during writes and may be tied to SDI in applications where the host processor has bi-directional I/O capability. BURST MODE The burst mode allows all on-chip registers to be consecutively read or written by the host processor. This feature minimizes device initialization time on system power-up or reset. Burst mode is initiated when ACB.7 is set and the address nibble is 0000. All registers must be read or written during the burst mode. If CS transitions high before the burst is complete, data validity is not guaranteed. ACB: ADDRESS COMMAND BYTE Figure 2 (MSB) BM ADD3 ADD2 ADD1 AD0 (LSB) R/W SYMBOL BM ADD3 ADD2 ADD1 ADD0 R/W POSITION ACB.7 ACB.6 ACB.5 ACB.4 ACB.3 ACB.2 ACB.1 ACB.0 NAME AND DESCRIPTION Burst Mode. If set (and ACB.1 through ACB.4=0) burst read or write is enabled. Reserved, must be 0 for proper operation. Reserved, must be 0 for proper operation. MSB of register address. LSB of register address. Read/Write Select. 0 = write addressed register. 1 = read addressed register. 7 of 32 DS2181A SERIAL PORT READ/WRITE Figure 3 NOTES: 1. SDI sampled on rising edge of SCLK. 2. SDO updated on falling edge of SCLK. TCR: TRANSMIT CONTROL REGISTER Figure 4 (MSB) TUA1 TSS TSM INBS NBS XBS TSA1 (LSB) ODM SYMBOL TUA1 POSITION TCR.7 NAME AND DESCRIPTION Transmit Unframed All 1's. 0 = Normal operation. 1 = Replace outgoing data at TPOS and TNEG with unframed all 1's code. Transmit Signaling Select1 0 = Signaling data embedded in the serial bit stream is sampled at TSER during timeslot 16. 1 = Signaling data is channel associated and sampled at TSD as shown in Table 6. Transmit Signaling Mode1 0 = Channel Associated Signaling (CAS). 1 = Common Channel Signaling (CCS). International Bit Select 0 = Sample international bit at TIND. 1 = Outgoing international bit = TINR.7. National Bit Select 0 = Sample national bits at TIND. 1 = Source outgoing national bits from TINR.4 through TINR.0. Extra Bit Select 0 = Sample extra bits at TXD. 1 = Source extra bits from TXR.0 through TXR.1 and TXR.3. Transmit Signaling All 1's 0 = Normal operation. 1 = Force contents of timeslot 16 in all frames to all 1's. Output Data Mode 0 = TPOS and TNEG outputs are 100% duty cycle. 1 = TPOS and TNEG outputs are 50% duty cycle. TSS TCR.6 TSM TCR.5 INBS TCR.4 NBS TCR.3 XBS TCR.2 TSA1 TCR.1 ODM TCR.0 8 of 32 DS2181A NOTE: 1. When the common channel signaling mode is enabled (TCR.5 = 1), the TSD input is disabled internally; all timeslot 16 data is sampled at TSER. CCR: COMMON CONTROL REGISTER Figure 5 (MSB) TAFP THDE RHDE TCE RCE SAS (LSB) LLB SYMBOL TAFP POSITION CCR.7 CCR.6 NAME AND DESCRIPTION Reserved; must be 0 for proper operation. Transmit Align Frame Position1 When clear, the CAS multiframe begins with a frame containing the frame alignment signal. When set, the CAS multiframe begins with a frame not containing the frame alignment signal. Transmit HDB3 Enable 0 = Outgoing data at TPOS and TNEG is AMI coded. 1 = Outgoing data at TPOS and TNEG is HDB3 coded. Receive HDB3 Enable 0 = Incoming data at RPOS and RNEG is AMI coded. 1 = Incoming data is RPOS and RNEG is HDB3 coded. Transmit CRC4 Enable When set, outgoing international bit positions in frames 0 through 12 and 14 are replaced by CRC4 multiframe alignment and checksum words. Receive CRC4 Enable 0 = Disable CRC4 multiframe synchronizer. 1 = Enable CRC4 synchronizer; search for CRC4 multiframe alignment once frame alignment complete. Sync Algorithm Select 0 = Use old DS2181 sync algorithm 1 = Use new DS2181A sync algorithm Local Loopback 0 = Normal operation. 1 = Internally loop TPOS, TNEG, and TCLK to RPOS, RNEG, and RCLK. THDE CCR.5 RHDE CCR.4 TCE CCR.3 RCE CCR.2 SAS CCR.1 LLB CCR.0 NOTES: 1. This bit must be cleared when CRC4 multiframe mode is enabled (CCR.3 = 1); its state does not affect CCS framing (RCR.5 = 1). 2. CCR is considered a receive register and operates from RCLK and SCLK. 9 of 32 DS2181A RCR: RECEIVE CONTROL REGISTER Figure 6 (MSB) RSM CMSC CMRC FRC SYNCE (LSB) RESYNC SYMBOL RSM POSITION RCR.7 RCR.6 RCR.5 NAME AND DESCRIPTION Reserved; must be 0 for proper operation. Reserved; must be 0 for proper operation. Received Signaling Mode 0 = Channel Associated Signaling (CAS). 1 = Common Channel Signaling (CCS). CAS Multiframe Sync Criteria 0 = Declare sync when fixed sync criteria met. 1 = Declare sync when fixed criteria are met and two additional consecutive valid multiframe alignment signals are detected. CAS Multiframe Resync Criteria 0 = Utilize only fixed resync criteria. 1 = Resync if fixed criteria met and/or if two consecutive timeslot 16 words have values of 0 in the first four MSB positions (0000xxxx). Frame Resync Criteria 0 = Utilize only fixed resync criteria. 1 = Resync if fixed criteria met and/or if bit 2 in timeslot 0 of nonalign frames is received in error on three consecutive occasions. Sync Enable If clear, the synchronizer will automatically begin resync if error criteria are met. If high, no auto resync occurs. Resync When toggled low to high, the receive synchronizer will initiate immediately. The bit must be cleared, then set again for subsequent resyncs. CMSC RCR.4 CMRC RCR.3 FRC RCR.2 SYNCE RCR.1 RESYNC RCR.0 CEPT FRAME STRUCTURE The CEPT frame is made up of 32 8-bit channels (time-slots) numbered from 0 to 31. The frame alignment signal in bit positions 2 through 8 of timeslot 0 of every other frame is independent of the various multiframe modes described below. Outputs TAF and RAF indicate frames which contain the alignment signal. Timeslot 0 of frames not containing the frame alignment signal is used for alarm and national data. See the separate DS2181A CEPT Transceiver Application Note for more details. CAS SIGNALLING CEPT networks support Channel Associated Signaling (CAS) or Common Channel Signaling (CCS). These signaling modes are independently selectable for transmit and receive sides. CAS (selected when TCR.5 = 0 and/or when RCR.5 = 0) is a bit-oriented signaling technique which utilizes a 16-frame multiframe. The multiframe alignment signal (0-hex), extra and alarm bits occupy timeslot 16 of frame 0. Timeslot 16 of the remaining 15 frames is reserved for channel signaling data. Four signaling bits (A, B, C and D) are transmitted once per multiframe as shown in Figure 7. Input TMSYNC establishes the transmitted CAS multiframe position. Signaling data can be sourced from input TSD (TCR.6 = 1) or multiplexed into TSER (TCR.6 = 0). 10 of 32 DS2181A CCS SIGNALLING CCS (selected when TCR.5 = 1 and/or when RCR.1 = 1) utilizes all bit positions of timeslot 16 in every frame for message-oriented signaling data transmission. In CCS mode one can use either timeslot 16 or any one of the other 30 data channels for message-oriented signaling. The CCS mode has no multiframe structure and the insertion of CAS multiframe alignment, distant multiframe alarm and/or extra bits into timeslot 16 is disabled. TSER is the source of timeslot 16 data. CRC4 CODING The need for enhanced error monitoring capability and additional protection against emulators of the frame alignment word has led to the development of a cyclic redundancy check (CRC) procedure. When enabled via CCR.2 and/or CCR.3, CRC4 coding replaces the international bit positions in frames 0 through 12 and 14 with a CRC4 multiframe alignment pattern and associated checksum words. The CRC4 multiframe must begin with a frame containing the frame alignment signal (CCR.6 = 0). A rising edge at TMSYNC establishes the CRC4 multiframe alignment (TMSYNC will also establish outgoing CAS multiframe alignment if enabled via TCR.5). Incoming CRC4 multiframe alignment is indicated by RCSYNC. Detected CRC4 checksum errors are reported at output RFER and logged in the CECR. RECEIVE SYNCHRONIZER The fixed characteristics of the receive synchronizer may be modified by use of programmable characteristics resident in the RCR and CCR. Sync criteria must be met before synchronization is declared. Resync criteria establish error occurrences which will cause an auto-resync event when enabled (RCR.1 = 0). The receive synchronizer searches for the frame alignment pattern first. Once identified, the output timing set associated with the framing pattern (all outputs except RCSYNC and RMSYNC) is updated to that new alignment. If enabled, the synchronizer then begins CAS and/or CRC4 multiframe search; outputs RMSYNC and/or RCSYNC are then updated. Output RLOS is held high during the entire resync process, then transitions low after the last output timing update indicating resync is complete. For more details about the receive synchronizer, see the separate DS2181A CEPT Transceiver Application Note. FIXED FRAME SYNC CRITERIA Valid frame sync is assumed when the correct frame alignment signal is present in frame N and frame N + 2 and not present in frame N + 1 (bit 2 of timeslot 0 of Frame N + 1 is also checked for 1). CAS and/or CRC4 multiframe alignment search is initiated when the frame search is complete if enabled via RCR.5 and/or CCR.2. FIXED CAS MULTIFRAME SYNC CRITERIA CAS multiframe sync is declared when the multiframe alignment pattern is properly detected and timeslot 16 of the previous frame contains code other than zeros. If no valid pattern can be found in 12 to 14 milliseconds (no time-out period exists if CCR.1=1 or TEST=1), frame search is restarted. FIXED CRC4 MULTIFRAME SYNC CRITERIA CRC4 multiframe sync is declared if at least two valid CRC4 multiframe alignment signals are found within 12 to 14 milliseconds (8 ms if CCR.1=1 or TEST=1) after frame alignment is completed. If not found within 12 to 14 milliseconds (8 ms if CCR.1=1 or TEST=1), frame search is restarted. The search for the multiframe alignment signal is performed in timeslot 0 of frames not containing the frame alignment signal. 11 of 32 DS2181A FIXED FRAME RESYNC CRITERIA When enabled via RCR.1, the device will automatically initiate frame search whenever the frame alignment word is received in error three consecutive times. FIXED CAS MULTIFRAME RESYNC CRITERIA When enabled via RCR.1, the device will automatically initiate frame search whenever two consecutive CAS multiframe alignment words are received in error. FIXED CRC4 RESYNC CRITERIA If CCR.1=1 or if the TEST pin is tied high, then the DS2181A will initiate the resync at the FAS level if 915 or more CRC4 words out of 1000 are received in error. CAS SIGNALLING SOURCE CAS applications sample signaling data at TSER when TCR.6 = 0; an on-chip data multiplexer accepts channel-associated data input at TSD when TCR.6 = 1. The data multiplexer must be disabled (TCR.6 = 0) when the CCS mode is enabled (TCR.5 = 1). TSD INPUT TIMING (TCR.6 = 1; TCR.5 = 0) Table 6 FRAME # 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 TIMESLOT SIGNALING DATA SAMPLED AT TSD 17 1, 18 2, 19 3, 20 4, 21 5, 22 6, 23 7, 24 8, 25 9, 26 0, 27 11, 28 12, 29 13, 30 14, 31 15 NOTE: 1. A, B, C and D data is sampled on falling edges of TCLK during bit times 5, 6, 7 and 8 of timeslots indicated. 12 of 32 DS2181A TSD INPUT TIMING Figure 7 CAS OUTPUT FORMAT IN TIMESLOT 16 Figure 8 FRAME 01 0000XYXX FRAME 1 FRAME 15 ABCD for Timeslot 1 ABCD for timeslot 17 ABCD for Timeslot 15 ABCD for Timeslot 31 NOTE: 1. Timeslot 16 of frame 0 is reserved for the multiframe alignment word (0000), distant multiframe alarm (Y) and extra bits (X-XX). TINR: TRANSMIT INTERNATIONAL AND NATIONAL REGISTER Figure 9 (MSB) (LSB) INB TRA NB4 NB5 NB6 NB7 NB8 SYMBOL INB TRA POSITION TINR.7 TINR.6 TINR.5 NAME AND DESCRIPTION International Bit. Inserted into the outgoing data stream when TCR.4 = 1. Reserved; must be 0 for proper operation. Transmit Remote Alarm 0 = Normal operation; bit 3 of timeslot 0 in non-alignment frame clear. 1 = Alarm condition; bit 3 of timeslot 0 in non-align frames set. Transmit National Bits. Inserted into the outgoing data stream at TPOS and TNEG when TCR.3 = 1. NB4 NB5 NB6 NB7 NB8 TINR.4 TINR.3 TINR.2 TINR.1 TINR.0 TRANSMIT INTERNATIONAL AND NATIONAL DATA Bit 1 of timeslot 0 in all frames is known as the international bit. When TCR.4 = 1, the transmitted international bit is sourced from TINR.7. When TCR.4 = 0, the transmitted international bit is sampled at TIND during the first bit period of each frame. The international bit positions in all outgoing frames except 13 and 15 are replaced by CRC4 code words and the CRC4 multiframe alignment signal when CCR.3 = 1. 13 of 32 DS2181A Bits 4 through 8 of timeslot 0 in non-align frames are reserved for national use. When TCR.3 = 1, the transmitted national bits are sourced from register locations TINR.4 through TINR.0. If TCR.3 = 0, the national bits are sampled at TIND during bit times 4 through 8 of timeslot 0 in non-align frames. Reserved bit positions in the TINR must be set to 0 when written; those bits can be 0 or 1 when read. TXR: TRANSMIT EXTRA REGISTER Figure 10 (MSB) XB1 TDMA XB2 (LSB) XB3 SYMBOL XB1 TDMA POSITION TXR.7 TXR.6 TXR.5 TXR.4 TXR.3 TXR.2 NAME AND DESCRIPTION Reserved; must be 0 for proper operation. Reserved; must be 0 for proper operation. Reserved; must be 0 for proper operation. Reserved; must be 0 for proper operation. Extra Bit 1 Transmit Distant Multiframe Alarm 0 = Normal operation; bit 6 of timeslot 16 in frame 0 clear. 1 = Alarm condition; bit 6 of timeslot 16 in frame 0 set. Extra Bit 2 Extra Bit 3 XB2 XB3 TXR.1 TXR.0 TRANSMIT EXTRA DATA In the CAS mode, timeslot 16 of frame 0 contains the multiframe alignment pattern, extra bits and the distant multiframe alarm. When CAS is enabled (TCR.5 = 0), the extra bits are sourced from TXR.0, TXR.1 and TXR.3 (TCR.2 = 1) or the extra bits are sampled externally at TXD during the extra bit time (TCR.2 = 0). The extra bits, alignment pattern and alarm signal are not utilized in the CCS mode (TCR.5 = 1); input TSER overwrites all timeslot 16 bit positions. Reserved bit positions in the TXR must be set to 0 when written; those bits can be 0 or 1 when read. TIR1 - TIR4: TRANSMIT IDLE REGISTERS Figure 11 (MSB) TS7 TS15 TS23 TS31 TS6 TS14 TS22 TS30 TS5 TS13 TS21 TS29 TS4 TS12 TS20 TS28 TS3 TS11 TS19 TS27 TS2 TS10 TS18 TS26 TS1 TS9 TS17 TS25 (LSB) TS01 TS8 TS16 1 TIR1 TIR2 TIR3 TIR4 TS024 SYMBOL TS31 TS0 POSITION TIR4.7 TIR1.0 NAME AND DESCRIPTION Transmit Idle Registers Each of these bit positions represents a timeslot in the outgoing stream at TPOS and TNEG; when set, the contents of that timeslot are forced to idle code (11010101). NOTE: 1. TS0 and TS16 are not affected by the idle register. 14 of 32 DS2181A TRANSMIT TIMING A low-high transition at TMSYNC once per multiframe (every 2 milliseconds) or at a multiple of the multiframe rate establishes outgoing CAS and/or CRC4 multiframe alignment. Output TMO indicates that alignment. A low-high transition at TFSYNC at the frame rate (125 us) or at a multiple of the frame rate establishes the outgoing frame position. Output TAF indicates that alignment. TMSYNC and/or TFSYNC can be tied low by the user, in which case the arbitrary frame and multiframe alignment established by the device will be indicated at TMO and TAF. Output TAF also indicates frames containing the frame alignment signal. Those frames can be even or odd numbering frames of the outgoing CAS multiframe (CCR.6). TRANSMIT MULTIFRAME TIMING Figure 12 NOTES: 1. Alignment frames are even frames of the CAS and/or CRC4 multiframes (CCR.6 = 0). 2. Alignment frames are odd frames of the CAS multiframe (CCR.6 = 1). 15 of 32 DS2181A TRANSMIT MULTIFRAME BOUNDARY TIMING Figure 13 NOTES: 1. Low-high transitions on TMSYNC and/or TFSYNC must occur one TCLK period early with respect to actual frame and multiframe boundaries. TMO follows the rising edge of TMSYNC or TFSYNC. 2. TAF transitions on true frame boundaries. 3. Delay from TSER to TPOS, TNEG is five TCLK periods. TRANSMIT SIGNALING TIMESLOT TIMING Figure 14 RECEIVE SIGNALING Receive signaling data is available at two outputs: RSER and RSD. RSER outputs the signaling data in timeslot 16 at RSER. The signaling data is also extracted from timeslot 16 and presented at RSD during the timeslots shown in Table 7. This channel-associated signaling simplifies CAS system design. 16 of 32 DS2181A RECEIVE SIGNALING Table 7 FRAME # 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 RSD1 VALID DURING TIMESLOT # 15, -2 -2 , 17 1, 18 2, 19 3, 20 4, 21 5, 22 6, 23 7, 24 8, 25 9, 26 10, 27 11, 28 12, 29 13, 30 14, 31 NOTES: (Applicable only to CAS systems) 1. RSD is valid for the least significant nibble in each indicated timeslot. Timeslot A data appears in bit 5, B in bit 6, C in bit 7 and D in bit 8. 2. RSD does not output valid data during timeslots 0 and 16. RECEIVE MULTIFRAME TIMING Figure 15 RECEIVE TIMING The receive side output timing set is identical to that found on the transmit side. The user can tie receive outputs directly to the transmit inputs for drop and insert applications. The received data of RPOS, RNEG appear at RSER after six RCLK delays, without any change except for the HDB3-to-NRZ conversion when HDB3 is enabled. 17 of 32 DS2181A NOTE: 1. The CAS multiframe can start with an align or non-align frame. The CRC4 multiframe always starts with an align frame. RSD TIMING Figure 16 18 of 32 DS2181A RECEIVE MULTIFRAME BOUNDARY TIMING Figure 17 NOTES: 1. Low-high transitions on RMSYNC and RFSYNC occur one RCLK period early with respect to actual frame and multiframe boundaries. 2. RAF transitions on true frame boundaries. 3. Delay from RPOS, RNEG to RSER is six RCLK periods. 4. RMSYNC and RCSYNC transition low on the falling edge of RFSYNC. 19 of 32 DS2181A RSR: RECEIVE STATUS REGISTER Figure 18 (MSB) RRA RDMA RSA1 RUA1 FSERR MFSERR RLOS (LSB) ECS SYMBOL RRA RDMA RSA1 RUA1 FSERR MFSERR POSITION RSR.7 RSR.6 RSR.5 RSR.4 RSR.3 RSR.2 NAME AND DESCRIPTION Receive Remote Alarm. Set when bit 3 of timeslot 0 in non-align frames set for three consecutive non-align frames. Receive Distant Multiframe Alarm. Set when bit 6 of timeslot 16 in frame 0 is set for three consecutive multiframes. Receive Signaling All Ones. Set when the contents of timeslot 16 have been all 1's for two consecutive frames. Receive Unframed All Ones. Set when less than three 0s have been received in the last two consecutive frames. Frame Resync Criteria Met. Set when the frame error criteria are met; also the frame resync is initiated if RCR.1=0. CAS Multiframe Resync Criteria Met. Set when the CAS multiframe error criteria are met; also, the frame resync is initiated if RCR.1=0. Receive Loss of Sync. Set when resync is in progress. Error Counter Saturation. Set when any of the on-chip counters at FECR, CECR or BVCR saturates. RLOS ECS RSR.1 RSR.0 NOTE: 1. When in the CCS mode, the RDMA flag bit and the RDMA pin have no significance. It will be set when bit 6 of timeslot 16 in frame 0 is set for three consecutive multiframes in either CAS or CCS mode. 20 of 32 DS2181A RIMR: RECEIVE INTERRUPT MASK REGISTER Figure 19 (MSB) RRA RDMA RSA1 RUA1 FSERR MFSERR RLOS (LSB) ECS SYMBOL RRA POSITION RIMR.7 NAME AND DESCRIPTION Receive Remote Alarm 1 = Interrupt enabled 0 = Interrupt masked Receive Distant Multiframe Alarm 1 = Interrupt enabled 0 = Interrupt masked Receive Signaling All 1's 1 = Interrupt enabled 0 = Interrupt masked Receive Unframed All 1's 1 = Interrupt enabled 0 = Interrupt masked Frame Resync Criteria Met 1 = Interrupt enabled 0 = Interrupt masked CAS Multiframe Resync Criteria Met 1 = Interrupt enabled 0 = Interrupt masked Receive Loss of Sync 1 = Interrupt enabled 0 = Interrupt masked Error Count Saturation 1 = Interrupt enabled 0 = Interrupt masked RDMA RIMR.6 RSA1 RIMR.5 RUA1 RIMR.4 FSERR RIMR.3 MFSERR RIMR.2 RLOS RIMR.1 ECS RIMR.0 ALARM REPORTING AND INTERRUPT SERVICING Alarm and error conditions are reported at outputs and the RSR. Use of the RSR and error count registers simplifies system error monitoring. The RSR can be read in one of two ways: a burst read does not disturb the RSR contents; a direct read will clear all bits set in the RSR unless the alarm condition which set them is still active. Interrupts are enabled via the RIMR and are generated whenever an alarm or error condition sets an RSR bit. The host controller must service the transceiver in order to clear an interrupt condition. Clearing the appropriate RIMR bit will unconditionally clear an interrupt. BVCR: BIPOLAR VIOLATION COUNT REGISTER Figure 20 (MSB) BVD7 BVD6 BVD5 BVD4 BVD3 BVD2 BVD1 (LSB) BVD0 SYMBOL BVD7 BVD0 POSITION BVCR.7 BVCR.0 NAME AND DESCRIPTION MSB of bipolar violation count. LSB of bipolar violation count. 21 of 32 DS2181A CECR: CRC4 ERROR COUNT REGISTER Figure 21 (MSB) CRC7 CRC6 CRC5 CRC4 CRC3 CRC2 CRC1 (LSB) CRC0 SYMBOL CRC7 CRC0 POSITION BVCR.7 BVCR.0 NAME AND DESCRIPTION MSB of CRC4 error count. LSB of CRC4 error count. FECR: FRAME ERROR COUNT REGISTER Figure 22 (MSB) FE7 FE6 FE5 FE4 FE3 FE2 FE1 (LSB) FE0 SYMBOL FE7 FE0 POSITION FECR.7 FECR.0 NAME AND DESCRIPTION MSB of frame error count. LSB of frame error count. ERROR LOGGING The BVCR, CECR and FECR contain 8-bit binary up counters which increment on individual bipolar violations, CRC4 code word errors (when CCR.2 = 1), and word errors in the frame alignment signal. Each counter saturates at 255. Once saturated, each following error occurrence will generate an interrupt (RIMR.0 = 1) until the register is reprogrammed to a value other than FF (hex). Presetting the registers allows the user to establish specific error count thresholds; the counter will count up to saturation from the preset value. The BVCR increments at all times (regardless of sync status), except when HDB3 code words are received with CCR.4=1. CECR and FECR increments are disabled whenever resync is in progress (RLOS high). ALARM OUTPUTS Alarm conditions are also reported real time at alarm outputs. These outputs can be used with off-chip logic to complement the on-chip error reporting capability of the DS2181A. In the hardware mode, they are the only alarm reporting means available. RLOS The RLOS output indicates the status of the receive synchronizer. When high, frame, CAS multiframe and/or CRC4 multiframe synchronization is in progress. A high-low transition indicates resync is complete. The RLOS bit (RSR.1) is a latched version of the RLOS output. RRA The remote alarm output transitions high when a remote alarm is detected. A high-low transition indicates the alarm condition has been cleared. The alarm condition is defined as bit 3 of time slot 0 set for three consecutive non-align frames. The alarm state is cleared when bit 3 has been clear for three consecutive non-align frames. The RRA bit (RSR.7) is a latched version of the RRA Output. RBV RBV pulses high when the accused bit emerges at RSER. RBV will return low when RCLK goes low. Bipolar violations are also logged in the BVCR. The RBV pin provides a pulse for every violation which can be counted externally. 22 of 32 DS2181A RDMA RDMA transitions high when bit 6 of timeslot 16 in frame 0 is set for three consecutive occasions and returns low when the bit is clear for three consecutive occasions. The RDMA bit (RSR.6) is a latched version of the RDMA output. RCL RCL transitions high after 32 consecutive 0s appear at RPOS and RNEG; it goes low at the next 1 occurrence. RFER The RFER output transitions high when received frame alignment, CAS multiframe alignment and/or CRC4 code words are in error. The FECR and CECR log error events reported at this output. FECR logs only the frame alignment word errors. CECR logs CRC4 code word errors. To complement the on-chip error logging capabilities of the DS2181A, the system designer can use offchip logic gated by receive side outputs RCHCLK, RAF, RSTS and RCSYNC to demux error states present at RFER. See the separate DS2181A CEPT Transceiver Application Note for more details. RFER OUTPUT TIMING FOR ALL ERROR CONDITIONS Figure 23 CAS MULTIFRAME ALIGNMENT ERROR Figure 24 23 of 32 DS2181A CRC4 SUB-MULTIFRAME 2 ERRORED Figure 25 FRAME ALIGNMENT WORD ERRORED Figure 26 CRC4 SUB-MULTIFRAME 1 ERRORED Figure 27 NOTES FOR FIGURES 23 THROUGH 27: 1. CAS multiframe alignment word received in error; RFER will transition high at first error occurrence and remain high as shown. 2. Previous CRC4 sub-multiframe 2 errored. 3. Frame alignment word errored. 4. Previous CRC4 sub-multiframe 1 errored. 24 of 32 DS2181A RESET A high-low transition on RST clears all internal registers except the three error counters; a resync is initiated until RST returns high. RST must be held low on system power-up and when switching to/from the hardware mode. Following reset, the host processor should update all on-chip registers to establish desired operating modes. HARDWARE MODE An on-chip hardware control mode simplifies preliminary system prototyping and serves applications which do not require the features of the serial port. Tying SPS low disables the serial port, clears all internal register locations except those shown below, and redefines pins 14 through 18 as mode control inputs. The mode control inputs establish device operational characteristics as shown in Table 8. The hardware mode simplifies device retrofit into existing applications where control interfaces are designed with discrete logic. HARDWARE MODE CONTROL Table 8 PIN NUMBER 14 (16) 15 (17) REGISTER LOCATION TINR.5 NAME AND DESCRIPTION TRA - Transmit Remote Alarm 0 = Normal operation 1 = Enable alarm TDMA - Transmit Distant Multiframe Alarm 0 = Normal operation 1 = Enable alarm Data Format 0 = Input and output data AMI coded 1 = Input and output data HDB3 coded Transmit and Receive CRC4 Multiframe 0 = Disabled 1 = Enabled Transmit and Receive CAS Multiframe 0 = Enabled 1 = Disabled TXR.2 16 (18) 17 (19) 18 (20) CCR.5/CCR.4 CCR.3/CCR.2 TCR.5/RCR.5 NOTE: 1. Pin numbers for PLCC package are listed in parenthesis. 25 of 32 DS2181A ABSOLUTE MAXIMUM RATINGS* Voltage on Any Pin Relative to Ground Operating Temperature Storage Temperature Soldering Temperature -1.0V to +7.0V 0 to 70C -55C to +125C 260C for 10 seconds * This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. RECOMMENDED DC OPERATING CONDITIONS PARAMETER Input Logic 1 Input Logic 0 Supply SYMBOL VIH VIL VDD MIN 2.0 -0.3 4.5 TYP MAX VDD+.3 +0.8 5.5 (0C to 70C) UNITS V V V NOTES DC ELECTRICAL CHARACTERISTICS PARAMETER Supply Current Input Leakage Output Current @ 2.4V Output Current @ .4V Output Leakage SYMBOL IDD IIL IOH IOL ILO -1.0 -1.0 +4.0 -1.0 MIN (0C to 70C; VDD = 5.0V 10%) TYP 6 MAX 10 +1.0 UNITS mA A mA mA +1.0 A NOTES 1,2 3 4 5 6 NOTES: 1. TCLK = RCLK = 2.048 MHz. 2. Outputs open. 3. 0V < VIN < VDD. 4. All outputs except INT , which is open collector. 5. All outputs. 6. Applies to SDO when tri-stated. 26 of 32 DS2181A SERIAL PORT WRITE AC TIMING DIAGRAM Figure 28 NOTE: 1. Shaded regions indicate "don't care" states of input data. SERIAL PORT READ1 AC TIMING Figure 29 NOTE: 1. Serial port write must precede a port read to provide address information. 27 of 32 DS2181A AC ELECTRICAL CHARACTERISTICS PARAMETER SDI to SCLK Setup SCLK to SDI Hold SCLK Low Time SCLK High Time SCLK Rise and Fall Time CS to SCLK Setup SCLK to CS Hold CS Inactive Time SLK to SDO Valid CS to SDO High Z SYMBOL tDC tCDH tCL tCH tR, tF tCC tCCH tCWH tCDV tCDZ 1,2 SERIAL PORT (0C to 70C; VDD = 5.0V 5%) TYP MAX UNITS ns ns ns ns ns ns ns ns ns ns NOTES MIN 50 50 244 244 100 50 50 2.5 200 75 NOTES: 1. Measured at VIH =2.0 V; VIL =.8 V and 10 ns maximum rise and fall time. 2. Output load capacitance = 100 pF. AC ELECTRICAL CHARACTERISTICS1,2 - TRANSMIT (0C to 70C; VDD = 5.0V 5%) PARAMETER TCLK Period TCLK Pulse Width TCLK Raise & Fall Time TSER, TSD, TIND and TXD Setup to TCLK Falling TSER, TSD, TIND and TXD Hold to TCLK Falling TFSYNC, TMSYNC Setup to TCLK Falling TFSYNC, TMSYNC Hold to TCLK Falling Propagation Delay TCLK to TCHCLK, TSTS, TMO, TAF SYMBOL tP tWL, tWH tW, tR tSTD tHTD tSTS tHTS tPTS MIN TYP 488 244 20 50 50 75 50 75 MAX UNITS ns ns ns ns ns ns ns ns NOTES NOTES: 1. Measured at VIH = 2.0V; VIL = .8V and 10 ns maximum rise and fall time. 2. Output load capacitance = 100 pF. 28 of 32 DS2181A AC ELECTRICAL CHARACTERISTICS PARAMETER Propagation Delay RCLK to RMSYNC, RFSYNC, RSTS, RCHCLK, RAF Propagation Delay RCLK to RSER, RSD Transition Time All Outputs RCLK Period RCLK Pulse Width RCLK Rise and Fall Times RPOS, RNEG Setup to RCLK Falling RPOS, RNEG Hold to RCLK Falling Propagation Delay RCLK to RLOS, RRA, RBA, RFER, RDMA, RCL Minimum RST Pulse Width SYMBOL tPRS 1,2 - RECEIVE (0C to 70C; VDD = 5.0V 5%) TYP MAX 75 UNITS ns NOTES MIN tPRD tTTR tP tWL, tWH tR, tF tSRD tHRD tPRA 50 50 488 244 20 75 20 ns ns ns ns ns ns ns 75 ns tRST 1 s NOTES: 1. Measured at VIH = 2.0V; VIL = .8V and 10 ns maximum rise and fall times. 2. Output load capacitance = 100 pF. CAPACITANCE PARAMETER Input Capacitance Output Capacitance SYMBOL CIN COUT MIN TYP MAX 5 7 pF pF (tA =25C) UNITS NOTES 29 of 32 DS2181A TRANSMIT AC TIMING DIAGRAM Figure 30 RECEIVE AC TIMING DIAGRAM Figure 31 30 of 32 DS2181A DS2181A CEPT TRANSCEIVER (600-MIL DIP) 40-PIN DIM A B C D E F G H J K N MIN 2.050 0.530 0.140 0.600 0.015 0.120 0.090 0.625 0.008 0.015 INCHES MAX 2.075 0.550 0.160 0.625 0.040 0.145 0.110 0.675 0.012 0.022 40 31 of 32 DS2181A DS2181AQ CEPT TRANSCEIVER (PLCC) DIM A A1 A2 B B1 C CH1 D D1 D2 E E1 E2 e1 N INCHES MIN MAX 0.165 0.180 0.090 0.120 0.020 0.026 0.033 0.013 0.021 0.009 0.012 0.042 0.048 0.685 0.695 0.650 0.656 0.590 0.630 0.685 0.695 0.650 0.656 0.590 0.630 0.050 BSC 44 - 32 of 32 |
Price & Availability of DS2181A |